PART |
Description |
Maker |
APA2060QBI-TRG |
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
|
Anpec Electronics Coropration
|
AT73C213 |
The AT73C213 is a fully integrated, low-cost combined stereo audio DAC and audio amplifier circuit targeted for Li-ion or Ni-Mh battery-powered ... Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
|
ATMEL[ATMEL Corporation]
|
MAX9708 MAX9708ETN MAX9708ECB |
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier From old datasheet system The MAX9708 mono/stereo, Class D audio power amplifier delivers up to 2 x 21W into an 8 stereo mode
|
MAXIM[Maxim Integrated Products]
|
MAX9761ETIT |
Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC28
|
Maxim Integrated Products, Inc.
|
TA1101B |
Stereo 10W (4? Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4з) Class-T⑩ Digital Audio Amplifier using Digital Power Processing⑩ Technology Stereo 10W (4) Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4з) Class-TDigital Audio Amplifier using Digital Power ProcessingTechnology
|
TRIPATH[Tripath Technology Inc.] ETC Electronic Theatre Controls, Inc.
|
BS616LV2012 BS616LV2012AC BS616LV2012AI BS616LV201 |
LM4925 Boomer ® Audio Power Amplifier Series 2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier; Package: LLP; No of Pins: 10 非常低功电压CMOS SRAM28K的16 VERY LOW POWER/VOLTAGE CMOS SRAM 128K X 16 BIT LM4925 Boomer ® Audio Power Amplifier Series 2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier; Package: MINI SOIC; No of Pins: 10
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
TC2000 |
STEREO CLASS-T AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP? TECHNOLOGY STEREO CLASS-T⑩ AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP⑩) TECHNOLOGY STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
|
TRIPATH[Tripath Technology Inc.]
|
BS616LV2019TI BS616LV2019TI-55 BS616LV2019TI-70 BS |
LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier; Package: LLP; No of Pins: 10 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier 非常低功电压CMOS SRAM28K的16 JT 128C 128#22D SKT PLUG 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier; Package: MICRO SMD; No of Pins: 25 LM4953 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver; Package: LLP; No of Pins: 14 Asynchronous 2M(128Kx16) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. ETC[ETC] BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
SC7314 |
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
|
Silan Microelectronics Joint-stock
|
SC7312 SC7312S |
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
|
Silan Microelectronics Joint-stock
|
AA4002 |
STEREO 2W AUDIO POWER AMPLIFIER
|
BCD Semiconductor
|